Part Number Hot Search : 
LMP2003 53100 E222M E222M 1N4151 64GA108 ISL6267 GRM033R
Product Description
Full Text Search
 

To Download HFR-RFRF10LF-C100OHMF000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flanged RF Power Terminators
RFRF Series
* High power dissipation to 250W * Flange cooling for stripline circuit terminators * Long life, temperature stable thin film on ceramic technology
The RFRF series of high power transmission line terminators and loads make use of a flanged heat sink construction producing power ratings up to 250W and operation to 3GHz. Ohmic values are available in 50, 100, 150 and 200 nominal values for maximum flexibility in your high frequency layout and design. Ideal for use in industrial RF power sources, RF amplifiers, transmitter systems and mobile RF designs.
Electrical Data
RFRF10LF Power Rating Capacitance VSWR Resistance Tolerance Frequency Range Absolute TCR Operating Temperature Range Maximum Voltage Terminations 10W <0.8pF <1.1 RFRF40LF 40W <0.8pF <1.2 RFRF50LF 50W <1.0pF <1.2 RFRF100LF 100W <1.0pF <1.2 RFRF150LF 150W <1.0pF <1.2 RFRF250LF 250W <1.0pF <1.2
50, 100, 150, 200 1%, 2%, 5%, DC to 3GHz 50ppm/C -55C to +155C E= PxR Gold plated copper
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RFRF Series Issue January 2009 Sheet 1 of 3
Flanged RF Power Terminators
Thermal Data
RFRF50LFC, 100F 100
Temperature Rise (C)
Frequency Data
S11, RFRF150LFC, 100F
75 50 25 0
Resistive Film Surface Temperature
Flange Temperature 0 10 50 40 30 20 Applied Power (W) 60 70
S21, RFRF150LFLC, 100F 200
Temperature Rise (C)
RFRF150LFC, 100F
150 Resistive Film Surface Temperature 100 50 Flange Temperature 0 0 25 100 125 75 50 Applied Power (W) 150 175
S22, RFRF150LFC, 100F RFRF250LFC, 100F 200
Temperature Rise (C)
150 100 50 0
Resistive Film Surface Temperature
Flange Temperature
0
50
200 250 100 150 Applied Power (W)
300
350
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RFRF Series Issue January 2009 Sheet 2 of 3
Flanged RF Power Terminators
Physical Data
Dimensions (mm) Type RFRF10LF RFRF40LF RFRF50LF RFRF100LF RFRF150LF RFRF250LF A 7.6 13.0 20.3 20.3 20.3 25.0 B 5.10 6.35 5.70 5.70 5.70 9.53 C 3.1 3.1 3.1 3.1 3.1 4.6 D 5.0 9.9 14.2 14.2 14.2 18.42 E 3.0 - - - - - F 3.0 6.8 8.5 6.3 8.5 9.6 G 2.9 2.9 3.2 3.2 3.2 3.2 H 1.5 1.5 1.5 1.5 1.5 3.0 J 0.8 0.8 1.5 1.5 1.5 3.0 K 2.2 2.2 2.6 2.6 2.6 4.1
Notes: Length of lead for all models is 6.35mm. Lead thickness is 0.1mm.
Power Derating Curve
100
Ordering Data
Prefix Model HFR - RFRF10LF - C50 OHM F 000
RFRF10LF; RFRF40LF; RFRF50LF; RFRF100LF RFRF150LF; RFRF250LF
% Of Rated Power
50
Resistance Tolerance
F = 1%
C50 OHM; C100 OHM; C150 OHM; C200 OHM
Packaging
10
000 = 100 pcs/bulk
25
100
155
Flange Temperature (C)
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RFRF Series Issue January 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of HFR-RFRF10LF-C100OHMF000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X